Part Number Hot Search : 
100LVEL KT841W11 L0025 AD8058AR SMO1137V TC0239A 01111 0070GAG
Product Description
Full Text Search
 

To Download LBT10103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz IF SAW Filter 5MHz Bandwidth
Part Number: LBT10103
www. sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package
Specifications
Parameter
Center Frequency Insertion Loss 1.5 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec dB KHz/C C C C V dBm -
Minimum
101.15 5 55
Typical
101.3 24 5.06 5.19 5.78 5.82 5.85 5.88 5.91 1.2 4.66 68 -1.82 112LT 25
Maximum
101.45 25 5.8 6.2 7 15 1.5 4.8 -
-40 -45
0
+85 +105
-
1
10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT10103 2007-09-17 1.0 Page 1/3
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz IF SAW Filter 5MHz Bandwidth
Part Number: LBT10103
www. sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
L1=L4=47nH
INPUT 50 L1 L4 OUTPUT 50
L2=L3=39nH Source/Load Impedance=50 ohm
L2
L3
Notes - Component values may change depending on board layout.
Package Dimension
35.00 0.5
Pad Configuration:
SIPAT LBT10103 07XX
Input Output
1 5
12.80 0.5 4.7 4.5
Ground All Others
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBT10103: Part Number 3) 07XX: Date Code
0.45 0.05 2.54 0.2 7.62 0.2
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.2
2.54 0.2
Unit: mm
Part Number Rev. Date Ver.
LBT10103 2007-09-17 1.0 Page 2/3
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
101.3MHz IF SAW Filter 5MHz Bandwidth
Part Number: LBT10103
www. sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
Type Performance -14.0752 -23.0752
Passband Respond
-24.0752
-34.0752
-44.0752
-54.0752 Magnitude(dB)
-64.0752
3dB CF = 101.334MHz 1.5dB = 5.0585MHz 3dB = 5.1942MHz 35dB = 5.7787MHz 40dB = 5.8166MHz 45dB = 5.8467MHz 50dB = 5.8767MHz 55dB = 5.9053MHz Insert Loss = -24.0752dB Passband Ripple = 1.2158dB Ultimate Rejection = 54.9661dB Group Delay = 133.8822ns Phase Linearity = 17.3734deg Delay = 4.6565us
-23.5752
-24.0752
-24.5752
-25.0752 -74.0752
-84.0752
-25.5752
-94.0752 -26.0752 -104.0752
-114.0752
90
95
100 Frequency(MHz)
105
110
115
97
98
99
100
101
102
103
104
105
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f02.5MHz)
Type Performance 5000 40
Phase Linearity(f02.5MHz)
Type Performance
4900
30
4800
20
X: 103.8 Y: 8.257
4700 Group Delay Time(ns)
X: 101.3 Y: 4677
10
X: 98.79 Y: -1.412 X: 101.3 Y: -1.224
0 Degree(deg) 105 106 4600
X: 98.79 Y: 4553 X: 103.8 Y: 4558
-10
4500
-20 4400 -30 4300 -40
4200
-50
4100
97
98
99
100
101 102 Frequency(MHz)
103
104
-60
97
98
99
100
101 102 Frequency(MHz)
103
104
105
106
Horizontal: 1MHz/Div
Vertical: 100ns/Div
Horizontal: 1MHz/Div
Vertical: 10deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
5.0
0.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBT10103 2007-09-17 1.0 Page 3/3
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT10103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X